Part Number Hot Search : 
NUB611T 0505X D8224 4431A UF101 D70N0 SRF10201 A200012
Product Description
Full Text Search
 

To Download WJ107F1A123VDC36 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WJ107F
FEATURES: * UL F class rated standard * Small size and light weight * PC board mounting * UL/CUL certified
E197851 19.0 x 15.5 x 15.3 mm
CONTACT DATA
Contact Arrangement Contact Rating 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 6A @ 277VAC 10A @ 250 VAC & 28VDC 12A, 15A @ 125VAC & 28VDC 20A @ 125VAC & 16VDC, 1/3hp - 125/277 VAC < 50 milliohms initial AgCdO, AgSnO2 420W 380VAC, 110VDC 20A
Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current
COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
Max. .36W .45W .80W 3 3.9 25 20 11 2.25 0.3 5 6.5 70 56 31 3.75 0.5 .36 6 7.8 100 80 45 4.50 0.6 .45 10 9 11.7 225 180 101 6.75 0.9 .80 12 15.6 400 320 180 9.00 1.2 18 23.4 900 720 405 13.5 1.8 24 31.2 1600 1280 720 18.00 2.4 48 62.4 6400 5120 2880 36.00 4.8 CAUTION: 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. Pickup and release voltages are for test purposes only and are not to be used as design criteria. Rated
5
GENERAL DATA
Electrical Life @ rated load 100K cycles, typical Mechanical Life 10M cycles, typical Insulation Resistance 100M min @ 500VDC Dielectric Strength, Coil to Contact 1500V rms min. @ sea level Contact to Contact 750V rms min. @ sea level Shock Resistance 100m/s2 for 11ms Vibration Resistance 1.50mm double amplitude 10-40Hz Operating Temperature -55 C to + 125 C Storage Temperature -55 C to + 155 C Solderability 230 C 2 C for 10 0.5s Weight 9.5g Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
WJ107F
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series: WJ107F 1C WJ107F 2.Contact Arrangement: 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 3. Sealing Options: S = Sealed 4. Contact Rating: 12 = 12A 15 = 15A 20 = 20A (20Amp available in .45 or .80 Watt coils only) 5. Coil Voltage: 3VDC 5VDC 6VDC 9VDC 12VDC 18VDC 24VDC 48VDC 6. Coil Power: .36 = .36W .45 = .45W .80 = .80W 7. Contact Material: Blank = AgCdO Z = AgSnO2
S
12
12VDC
.36
DIMENSIONS (Units = mm)
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)
1A
1B
1C


▲Up To Search▲   

 
Price & Availability of WJ107F1A123VDC36

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X